Part Number Hot Search : 
SZ110 1N5400G BZT52 C5750 HGL34B 00DT1 P6KE18G P6KE33A
Product Description
Full Text Search
 

To Download T2A05G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a/jj 2007 - 06 - 15 T2A05G ? t2a100g 2.0a glass passivated rectifier taitron components incorporated www.taitroncomponents.com page 1 of 6 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfa (800)-824-8329 (661)-257-6415 2.0a glass passivated rectifier features ? low forward voltage drop ? high current capability ? high surge current capability ? high reliability ? high temperature soldering guaranteed 260c/10 seconds /.375" (9.5mm) lead length, 5lbs (2.3kg) tension ? rohs compliant mechanical data case: molded plastic epoxy: meets ul 94v-0 flammability rating terminals: axial leads, solderable per mil-std-202, method 208 polarity: cathode indicated by color band weight: 0.014 ounce, 0.4 gram maximum ratings (t ambient =25oc unless noted otherwise) symbol description T2A05G t2a10g t2a20g t2a40g t2a60g t2a80g t2a100g unit v rrm maximum repetitive peak reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms voltage 35 70 140 280 420 560 700 v v dc maximum dc blocking voltage 50 100 200 400 600 800 1000 v i o(av) maximum average forward rectified current @ta=60 c 2.0 a i fsm peak forward surge current (note1) 70 a t j operating junction temperature range -55 to +150 c t stg storage temperature range -55 to +175 c do-15
2.0 a glass passivated rectifier T2A05G - t2a100g rev. a/jj 2007 - 06 - 15 www.taitroncomponents.com page 2 of 5 ambient temperature t a ( c ) number of cycles at 60hz electrical characteristics (t ambient =25oc unless noted otherwise) note: 1. 8.3ms single half sine-wave superimposed on rated load (jedec method) 2. measured at 1mhz and applied reverse voltage of 4.0volts d.c. 3. thermal resistance from junction to ambient at .375" (9.5mm) lead length. typical characteristics curves symbol description T2A05G t2a10g t2a20g t2a40g t2a60g t2a80g t2a100g unit v f maximum forward voltage @ i f=2.0a 1.1 v t a=25 c 5.0 a i r maximum dc reverse current at rated dc blocking voltage t a=100 c 50 ua c j typical junction capacitance (note2) 30 pf r -ja maximum thermal resistance (note3) 25 c/w i o (av) average forward current ( a ) i fsm instantaneous forward current (a) fig.2-max. non-repetitive forward surge current fig.1- forward current derating curve
2.0 a glass passivated rectifier T2A05G - t2a100g rev. a/jj 2007 - 06 - 15 www.taitroncomponents.com page 3 of 5 fig.4- typical reverse characteristics fig.5-typical junction capacitance reverse voltage (v) fig.3-typical instantaneous forward characteristics v f instantaneous forward voltage ( v ) i f instantaneous forward current (a) i r instantaneous reverse current (a) percentage of peak reverse voltage ( % ) c j junction capacitance (pf)
2.0 a glass passivated rectifier T2A05G - t2a100g rev. a/jj 2007 - 06 - 15 www.taitroncomponents.com page 4 of 5 dimensions in inches (mm) do-15
2.0 a glass passivated rectifier T2A05G - t2a100g rev. a/jj 2007 - 06 - 15 www.taitroncomponents.com page 5 of 5 how to contact us: us headquarters 28040 west harrison parkaway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron componets incorporated e representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron componets incorporated, shanghai representative office cross region plaza, 899 lingling road, suite 18c, shanghai, 200030, china tel: +86-21-5424-9942 fax: +86-21-5424-9931


▲Up To Search▲   

 
Price & Availability of T2A05G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X